PART |
Description |
Maker |
52559-2372 52559-0672 52559-2172 52559-3272 |
0.5 FPC ZIF Hsg Assy SMT 23Ckt EmbsTpPkg 23 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT Flex Cable Connector,PCB Mnt,6 Contacts,Number Of Contact Rows:1,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 525592172 21 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT CON SMD ZIF 32P.5MM STR 32 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
22-02-3073 22-02-3043 22-02-3113 22-02-3133 22-02- |
2.54 FFC ST L/PR CON 7CKT 522907CPB 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 11CKT FFC ST CONN ASSY 522911CPB 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:13; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 13 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 10CK 522910CPB 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 20CK 522920CPB 20 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22023033 3 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22CKT FFC ST. CONN ASSY 522922CPB
|
Molex, Inc. MOLEX INC
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
51102-0900 51102-0500 51102-0400 |
2.5 W/B REC HSG FRIC LOCK 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:5; Series:Mini-Lock; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.098" RoHS Compliant: Yes 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 2.5 W/B REC HSG FRIC LOC 511020400
|
Molex, Inc. MOLEX INC
|
90147-1316 90147-1329 90147-1228 90147-1225 90147- |
C-Grid PCB Conn SR Vt Au-F 16Ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 29Ckt 29 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 28Ckt 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471225 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 23Ckt 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 31Ckt 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 21Ckt 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471317 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 18Ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
87130-1000 87130-1200 |
Header; No. of Contacts:80; Pitch Spacing:0.5mm; No. of Rows:2; Series:SlimStack; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 2.5mm Cbl Hld Hsg PBT Wht 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP
|
Molex, Inc.
|
90143-0014 90143-0034 90143-0004 90143-0160 90143- |
Connector Housing; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:34; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg DR W/Pol Bttn 60Ckt 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg DR W/Pol Bttn 20Ckt
|
Molex, Inc. MOLEX INC
|
MT2053-HRG MT2053-RG MT2053-YG MT2053-R MT2053-Y M |
Rectangular 2 Leaded Tri-State LED Lamps MARKTECH RECTANGULAR BI−COLOR 2 LEADED LEDS Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 矩形2引线三州LED灯具
|
Marktech Corporate Marktech Optoelectronics
|
50-57-9320 50-57-9319 50-57-9312 50-57-9311 50-57- |
SL Crp Hsg D SR Back Rbs 20Ckt 20 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 19Ckt 19 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 12Ckt 50579311 Connector Housing; Gender:Female; No. of Contacts:7; Series:SL; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Connector Body Material:Polyester; For Use With:70058 and 71851 crimp terminals
|
Molex, Inc. MOLEX INC
|
10-84-4152 10-84-4062 10-84-5061 10-84-4023 10-84- |
Header; No. of Contacts:15; Pitch Spacing:2.13mm; No. of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 15 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2.13mm; Number of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 2Ckt 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER CONN HEADER 2POS .084 VERT TIN 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|